Part Number Hot Search : 
74155 3331K000 IRFU9110 UTV00 3362X504 C74AC F494B 3003BR
Product Description
Full Text Search
 

To Download M52S16161A-10TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 1/29 sdram 512k x 16bit x 2banks synchronous dram features z 2.5v power supply z lvcmos compatible with multiplexed address z dual banks operation z mrs cycle with address key programs - cas latency (1, 2 & 3 ) - burst length (1, 2, 4, 8 & full page) - burst type (sequential & interleave) z emrs cycle with address key programs. z all inputs are sampled at the positive going edge of the system clock z burst read single-bit write operation z special function support. - pasr (partial array self refresh ) - tcsr (temperature compensated self refresh) - ds (driver strength) z dqm for masking z auto & self refresh z 32ms refresh period (2k cycle) general description the m52s16161a is 16,777,21 6 bits synchronous high data rate dynamic ram organized as 2 x 524,288 words by 16 bits, fabricated with high performance cmos technology. synchronous design allows prec ise cycle control with the use of system clock i/o trans actions are po ssible on every clock cycle. range of operat ing frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications. ordering information part no. max freq. interface package comments m52s16161a-8tg 125mhz lvcmos 50 tsop(ii) pb-free M52S16161A-10TG 100mhz lvcmos 50 tsop(ii) pb-free m52s16161a-8bg 125mhz lvcmos 60 ball vfbga pb-free m52s16161a-10bg 100mhz lvcmos 60 ball vfbga pb-free pin configuration (top view) v dd dq0 dq1 v ssq dq2 dq3 v ddq dq4 dq5 v ssq dq6 dq7 v ddq ldqm we cas ras cs ba a10/ap a0 a1 a2 a3 v dd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 v ss dq15 dq14 v ssq dq13 dq12 v ddq dq11 dq10 v ssq dq9 dq8 v ddq n.c/rfu udqm clk cke n.c a9 a8 a7 a6 a5 a4 v ss 50pin tsop(ii) (400mil x 825mil) (0.8 mm pin pitch) vss dq 15 dq 14 vssq dq13 vddq dq12 dq 11 dq 10 vssq dq 9 vddq dq 8 nc nc nc nc udqm nc clk cke nc ba a9 a8 a7 a6 a5 vss a4 dq0 vdd vddq dq1 vssq dq2 dq4 dq3 vddq dq 5 vssq dq6 nc dq7 nc nc ldqm we cas nc cs nc nc a0 a10 a2 a1 a3 vdd 1234567 ras a b c d e f g h j k l m n p r 60 ball vfbga (6.4x10.1mm) (0.65mm ball pitch)
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 2/29 functional block diagram pin function description pin name input function clk system clock active on the positive going edge to sample all inputs. cs chip select disables or enables device operation by masking or enabling all inputs except clk, cke and l(u)dqm. cke clock enable masks system clock to freeze operation from the next clock cycle. cke should be enabled at least one cycle prior to new command. disable input buffers for power down in standby. a0 ~ a10/ap address row / column addresses are multiplexed on the same pins. row address : ra0 ~ ra10, column address : ca0 ~ ca7 ba bank select address selects bank to be activated during row address latch time. selects bank for read/write during column address latch time. ras row address strobe latches row addresses on the positive going edge of the clk with ras low. enables row access & precharge. cas column address strobe latches column addresses on the pos itive going edge of the clk with cas low. enables column access. we write enable enables write operation and row precharge. latches data in starting from cas , we active. l(u)dqm data input / output mask makes data output hi-z, tshz af ter the clock and masks the output. blocks data input when l(u)dqm active. bank select data input register column decoder latency & burst length programming register 512k x 16 512k x 16 timing register clk cke cs ras cas we l(u)dqm ldqm lwcbr dqi ldqm lwe lras lcbr lwe lcas clk add lcke address register row buffer refresh counter row decoder sense amp col. buffer lras lcbr i/o control output buffer
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 3/29 dq0 ~ 15 data input / output data inputs/outputs are multiplexed on the same pins. vdd/vss power supply/ground power and ground for the input buffers and the core logic. vddq/vssq data output power/ground isolated power supply and ground for the ou tput buffers to provide improved noise immunity. n.c/rfu no connection/ reserved for future use this pin is recommended to be left no connection on the device. absolute maximum ratings parameter symbol value unit voltage on any pin relative to v ss v in ,v out -1.0 ~ 4.6 v voltage on v dd supply relative to v ss v dd ,v ddq -1.0 ~ 4.6 v storage temperature t stg -55 ~ + 150 c power dissipation p d 0.7 w short circuit current i os 50 ma note: permanent device damage may occur if abso lute maximum ratings are exceeded. functional operation should be restrict ed to recommended operating condition. exposure to higher than recommended voltage for exten ded periods of time could affect device reliability. dc operating conditions recommended operating conditions (voltage referenced to v ss = 0v, t a = 0 c ~ 70 c ) parameter symbol min typ max unit note v dd 2.3 2.5 2.7 v 2.3 2.5 2.7 v supply voltage v ddq 1.65 - 2.7 v 1 input logic high voltage v ih 0.8 x v ddq - v ddq +0.3 v 1 input logic low voltage v il -0.3 0 0.3 v 2 output logic high voltage v oh v ddq ? 0.2 - - v i oh =-0.1ma output logic low voltage v ol - - 0.2 v i ol = 0.1ma input leakage current i il -10 - 10 ua 3 output leakage current i ol -10 - 10 ua 4 note : 1. esmt can support vddq 2.5v (in general case) and 1.8v (in specific case) for vdd 2.5v products. please contact to sales. dept. when condisering t he use fo vddq 1.8v (min 1.65v). 2.v ih (max) = 4.6v ac for pulse width 3ns acceptable. 3.v il (min) = -1.0v ac for pulse width 3ns acceptable. 4.any input 0v v in v ddq , all other pins are not under test = 0v. 5.dout is disabled, 0v v out v ddq . capacitance (v dd = 2.5v, t a = 25 c , f = 1mhz) pin symbol min max unit clock c clk - 4.0 pf ras , cas , we , cs , cke, ldqm, udqm c in - 4.0 pf address c add - 4.0 pf dq0 ~dq15 c out - 6.0 pf
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 4/29 dc characteristics (recommended operating condition unless otherwise noted, t a = 0 c ~ 70 c ) version parameter symbol test condition cas latency -8 -10 unit note operating current (one bank active) i cc1 burst length = 1 t rc t rc (min), t cc t cc (min), i ol = 0ma 45 35 ma 1 i cc2p cke v il (max), t cc =15ns - ma precharge standby current in power-down mode i cc2ps cke v il (max), clk v il (max), t cc = 0.2 ma i cc2n cke v ih (min), cs v ih (min), t cc =15ns input signals are changed one time during 30ns - ma precharge standby current in non power-down mode i cc2ns cke v ih (min), clk v il (max), t cc = input signals are stable - ma i cc3p cke v il (max), t cc =15ns - active standby current in power-down mode i cc3ps cke v il (max), clk v il (max), t cc = - ma i cc3n cke v ih (min), cs v ih (min), t cc =15ns input signals are changed one time during 30ns 15 ma active standby current in non power-down mode (one bank active) i cc3ns cke v ih (min), clk v il (max), t cc = input signals are stable - ma operating current (burst mode) i cc4 i ol = 0ma, page burst all band activated, tccd = tccd (min) 45 35 ma 1 refresh current i cc5 t rc t rc (min) 45 35 ma 2 tcsr range 70 45 c 2 banks 120 100 1 bank 110 95 1/2 bank 100 90 self refresh current i cc6 cke 0.2v 1/4 bank 90 85 ua deep power down current i cc7 cke 0.2v 10 ua note: 1.measured with outputs open. addresse s are changed only one time during t cc (min). 2.refresh period is 32ms. addresses are changed only one time during t cc (min).
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 5/29 ac operating test conditions (v dd =2.5v 0.2v,t a = 0 c ~ 70c ) parameter value unit input levels (vih/vil) 0.9 x v ddq / 0.2 v input timing measurement reference level 0.5 x v ddq v input rise and fall time tr / tf = 1 / 1 ns output timing measurement reference level 0.5 x v ddq v output load condition see fig.2 operating ac parameter (ac operating conditions unless otherwise noted) version parameter symbol -8 -10 unit note row active to row active delay t rrd (min) 16 20 ns 1 ras to cas delay t rcd (min) 24 30 ns 1 row precharge time t rp (min) 20 20 ns 1 t ras (min) 40 50 ns 1 row active time t ras (max) 100 us row cycle time t rc (min) 56 70 ns 1 last data in to new col. address delay t cdl (min) 1 clk 2 last data in to row precharge t rdl (min) 2 clk 2 last data in to burst stop t bdl (min) 1 clk 2 col. address to col. address delay t ccd (min) 1 clk 3 cas latency=3 2 cas latency=2 1 number of valid output data cas latency=1 0 ea 4 note: 1. the minimum number of clock cycles is determined by divi ding the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. minimum delay is required to complete write. 3. all parts allow every cycle column address change. 4. in case of row precharge interr upt, auto precharge and read burst stop. the earliest a precharge command can be issued after a re ad command without the loss of data is cl+bl-2 clocks. 500 500 z0=50 vddq output (fig.2) ac output load circuit 20 pf vtt =0.5x vddq voh(dc) = vddq-0.2v, ioh = -0.1ma vol(dc) = 0.2v, iol = 0.1ma 30 pf output (fig.1) dc output load circuit 50
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 6/29 ac characteristics (ac operating conditions unless otherwise noted) -8 -10 parameter symbol min max min max unit note cas latency =3 8 10 clk cycle time cas latency =2 t cc 15 1000 15 1000 ns 1 cas latency =3 - 7 - 9 clk to valid output delay cas latency =2 t sac - 12 - 12 ns 1 output data hold time t oh 2.5 2.5 ns 2 clk high pulse width t ch 3 3 ns 3 clk low pulse width t cl 3 3 ns 3 input setup time t ss 3 3 ns 3 input hold time t sh 1 1 ns 3 clk to output in low-z t slz 1 1 ns 2 cas latency =3 - 7 - 7 clk to output in hi-z cas latency =2 t shz - 8 - 9 ns *all ac parameters are measured from half to half. note: 1.parameters depend on programmed cas latency. 2.if clock rising time is long er than 1ns,(tr/2-0.5)ns shou ld be added to the parameter. 3.assumed input rise and fall time (tr & tf)=1ns. if tr & tf is longer than 1ns, transient time compensation shoul d be considered, i.e., [(tr+ tf)/ 2-1]ns should be added to the parameter.
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 7/29 mode register ba a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 address bus x x 1 0 0 ltmode wt bl burst read and single write (for write through cache) 0 0 0 0 0 ltmode wt bl mode register set x =don?t care a2-a0 wt=0 wt=1 000 1 1 001 2 2 010 4 4 011 8 8 100 r r 101 r r 110 r r burst length 111 full page r 0 sequential wrap type 1 interleave a6-a4 cas latency 000 r 001 r 010 2 011 3 100 r 101 r 110 r latency mode 111 r mode register write timing remark r : reserved mode register write clock cke cs ras we a0-a10; ba cas
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 8/29 extended mode register ba a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 address bus 1 0 0 0 0 ds x x pasr extended mode register set x =don?t care a2-a0 wt=0 000 2 banks 001 1 bank (bank 0, ba=0) 010 1/2 bank (ba=a10=0) 011 r 100 r 101 1/4 bank (ba=a10=a9=0) 110 r pasr 111 r a6-a5 driver strength 00 full strength 01 1/2 strength 10 1/4 strength ds 11 r remark r : reserved
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 9/29 burst length and sequence (burst of two) starting address (column address a0 binary) sequential addressing sequence (decimal) interleave addressing sequence (decimal) 0 0,1 0,1 1 1,0 1,0 (burst of four) starting address (column address a1-a0, binary) sequential addressing sequence (decimal) interleave addressing sequence (decimal) 00 0,1,2,3 0,1,2,3 01 1,2,3,0 1,0,3,2 10 2,3,0,1 2,3,0,1 11 3,0,1,2 3,2,1,0 (burst of eight) starting address (column address a2-a0, binary) sequential addressing sequence (decimal) interleave addressing sequence (decimal) 000 0,1,2,3,4,5,6,7 0,1,2,3,4,5,6,7 001 1,2,3,4,5,6,7,0 1,0,3,2,5,4,7,6 010 2,3,4,5,6,7,0,1 2,3,0,1,6,7,4,5 011 3,4,5,6,7,0,1, 2 3,2,1,0,7,6,5,4 100 4,5,6,7,0,1,2,3 4,5,6,7,0,1,2,3 101 5,6,7,0,1,2,3,4 5,4,7,6,1,0,3,2 110 6,7,0,1,2,3,4, 5 6,7,4,5,2,3,0,1 111 7,0,1,2,3,4,5, 6 7,6,5,4,3,2,1,0 full page burst is an extension of the above tables of se quential addressing, with the l ength being 256 for 1mx16 divice. power up sequence 1.apply power and start clock, attempt to maintain cke= ?h?, l(u)dqm = ?h? and the other pin are nop condition at the inputs. 2.maintain stable power, stable clock and nop input condition for a minimum of 200us. 3.issue precharge commands for all banks of the devices. 4.issue 2 or more auto-refresh commands. 5.issue mode register set command to initialize the mode register. cf.)sequence of 4 & 5 is regardless of the order.
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 10/29 simplified truth table command cken-1 cken cs ras cas we dqm ba a10/ap a9~a0 note mode register set h x l l l l x op code 1,2 register extended mode register set h x l l l l x op code 1,2 auto refresh h 3 entry h l l l l h x x 3 l h h h 3 refresh self refresh exit l h h x x x x x 3 bank active & row addr. h x l l h h x v row address auto precharge disable l 4 read & column address auto precharge enable h x l h l h x v h column address (a0~a7) 4,5 auto precharge disable l 4 write & column address auto precharge enable h x l h l l x v h column address (a0~a7) 4,5 burst stop h x l h h l x x 6 bank selection v l 4 precharge both banks h x l l h l x x h x 4 h x x x entry h l l v v v x clock suspend or active power down exit l h x x x x x x h x x x entry h l l h h h x h x x x precharge power down mode exit l h l v v v x x dqm h x v x 7 h h x x x no operation command h x l h h h x x entry h l l h h l x deep power down mode exit l h x x x x x x (v= valid, x= don?t care, h= logic high , l = logic low) note: 1. op code: operation code a0~ a10/ap, ba: program keys.(@mrs). ba=0 for mrs and ba=1 for emrs. 2. mrs/emrs can be issued only at both banks precharge state. a new command can be issued after 2 clock cycle of mrs. 3. auto refresh functions are as same as cbr refresh of dram. the automatical precharge without row precharge command is meant by ?auto?. auto / self refresh can be issued only at both banks idle state. 4. ba: bank select address. if ?low?: at read, write, row active and precharge, bank a is selected. if ?high?: at read, write, row active and precharge, bank b is selected. if a10/ap is ?high? at row precharge, ba ignored and both banks are selected. 5. during burst read or write with auto precha rge, new read/write command can not be issued. another bank read /write command can be issued after the end of burst. new row active of the associated bank can be issued at t rp after the end of burst. 6. burst stop command is valid at every burst length. 7. dqm sampled at positive go ing edge of a clk masks the data-in at the very clk (w rite dqm latency is 0), but makes hi-z state the data-out of 2 clk cycl es after. (read dqm latency is 2)
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 11/29 single bit read-write-read cycle (same page) @cas latency=3, burst length=1 : d o n ' t c a r e 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr we dq dqm a10/ap t ch t cl t cc row active ba *note1 high t rcd t ss t ss t sh t sh t ss t sh t ss t ss t sh t ss t ss t sh ra ca cb cc rb bs bs bs bs bs bs ra qa db qc rb read write read precharge row active t rc t ras t rp t ccd t rac *note2 *note2,3 *note4 *note2 *note2,3 *note 3 *note 3 *note2,3 t sh t slz t sac t oh t sh t sh t ss *note4 *note 3
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 12/29 *note: 1. all inputs expect cke & dqm can be don?t care when cs is high at the clk high going edge. 2. bank active & read/write are controlled by ba. ba active & read/write 0 bank a 1 bank b 3.enable and disable auto precharge function ar e controlled by a10/ap in read/write command. a10/ap ba operation 0 disable auto precharge, leave bank a active at end of burst. 0 1 disable auto precharge, leave bank b active at end of burst. 0 enable auto precharge, precha rge bank a at end of burst. 1 1 enable auto precharge, precha rge bank b at end of burst. 4.a10/ap and ba control bank prec harge when precharge command is asserted. a10/ap ba precharge 0 0 bank a 0 1 bank b 1 x both banks
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 13/29 power up sequence 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke addr dq dqm a10/ap t rp key raa raa precharge all banks auto refresh auto refresh mode register set (a-bank) row active : don't care t rc t rc high level is necessary high level is necessary ba high-z cs ras cas we key key
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 14/29 read & write cycle at same bank @burst length = 4 *note: 1.minimum row cycle times is required to complete internal dram operation. 2.row precharge can interrupt burst on any cycle. [cas latency- 1] number of valid output data is available after row precharge. last valid output will be hi-z(t shz ) after the clock. 3.access time from row active command. tcc*(t rcd +cas latency-1)+t sac 4.ouput will be hi-z after the end of burst.(1,2,4,8 bit burst) burst can?t end in full page mode. t rcd t rc 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr dqm ba cl=2 cl=3 ra rb cb0 t oh t sac t shz t shz t rdl read row active precharge (a-bank) (a-bank) (a-bank) precharge (a-bank) write (a-bank) row active (a-bank) *note3 *note3 *note4 *note4 : don't care *note1 qa0 qa1 qa2 qa3 db0 db3 db1 db2 qa0 qa1 qa2 qa3 db0 db3 db1 db2 t rac t rac t rdl ca0 a10/ap ra rb high *note2 we t oh t sac qc
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 15/29 page read & write cycle at same bank @ burst length=4 *note : 1.to write data before burst read ends , dqm should be asserted three cycle prior to write command to avoid bus contention. 2.row precharge will interrupt writing. last data input, t rdl before row precharge, will be written. 3.dqm should mask invalid input data on precharge command cycle when asserting precharge before end of burst. input data after row precharge cycle will be masked internally. clock cke cs ras cas ba addr a10/ap cl=2 cl=3 we dqm high t rcd *note2 ra ca0 cb0 cc0 cd0 ra qa0 qa1 qb0 qb1 qb2 dc0 dc1 dd0 dd1 qa0 qa1 qb0 qb1 dc0 dc1 dd0 dd2 t cdl *note1 row active (a-bank) read (a-bank) read (a-bank) write (a-bank) write (a-bank) precharge (a-bank) : don't care dq 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 t rdl *note3
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 16/29 page read cycle at different bank @ burst length=4 *note: 1. cs can be don?t cared when ras , cas and we are high at the clock high going dege. 2.to interrupt a burst read by row precharge , both the read and the precharge banks must be the same. clock cke cs ras cas ba addr a10/ap cl=2 cl=3 we dqm high *note2 raa caa rbb raa read (a-bank) row active row active (b-bank) (a-bank) read (a-bank) read (b-bank) read (a-bank) read (b-bank) precharge (a-bank) : don't care dq cbb cac cbd cae qaa0 *note1 rbb 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 qaa1 qaa2 qaa3 qbb0 qbb1 qbb2 qbb3 qac0 qac1 qbd0 qbd1 qae0 qae1 qaa0 qaa1 qaa2 qaa3 qbb0 qbb1 qbb2 qbb3 qac0 qac1 qbd0 qbd1 qae0 qae1
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 17/29 page write cycle at different bank @burst length = 4 *note: 1.to interrupt burst write by row precharge , dqm should be asserted to mask invalid input data. 2.to interrupt burst write by row precharge, both the write and the precharge banks must be the same. clock cke cs ras cas ba addr a10/ap we dqm high row active (a-bank) row active (b-bank) write (a-bank) precharge (both banks) : don't care dq write (a-bank) write (b-bank) write (b-bank) daa0 daa1 daa2 daa3 dbb0 dbb1 dbb2 dbb3 dac0 dac1 dbd0 dbd1 raa rbb raa caa rbb cbb cac cbd *note2 t cdl t rdl *note1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 18/29 read & write cycle at different bank @ burst length = 4 *note: 1.t cdl should be met to complete write.
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 19/29 read & write cycle with auto precharge @ burst length =4 *note: 1.t cdl should be controlled to meet minimum t ras before internal precharge start (in the case of burst length=1 & 2 and brsw mode) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cas addr we dq dqm a10/ap ba cl=2 cl=3 row active ( a - bank ) row active ( b - bank ) read with auto precharge ( a - bank ) auto precharge start point (b-bank) : d o n ' t c a r e qa1 qa2 qa3 db1 db2 db3 db0 qa0 ra cb ra ca rb rb qa1 qa2 qa3 db1 db2 db3 db0 qa0 write with auto precharge (b-bank) high auto precharge start point ( a - bank) cs ras
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 20/29 clock suspension & dqm operation cycle @cas latency=2, burst length=4 *note:1.dqm is needed to prevent bus contention. clock cke addr dq dqm a10/ap ra ca cb cc ra qa0 qa1 qa2 qa3 t shz qb1 qb0 t shz dc0 dc2 *note1 row active read clock suspension read read dqm write write dqm clock suspension write dqm :don't care ba cs ras cas we 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 21/29 read interrupted by precharge command & read burst stop cycle @burst length =full page *note: 1.burst can?t end in full page mode, so auto precharge can?t issue. 2.about the valid dqs after burst st op, it is same as the case of ras interrupt. both cases are illustrated above timing diagram. see the label 1,2 on them. but at burst write, burst stop and ras interrupt should be compared carefully. refer the timing diagram of ?full page write burst stop cycle?. 3.burst stop is valid at every burst length. clock cke addr dq dqm a10/ap ba raa caa cab raa qaa0 qaa1 qab1 qab0 qab2 *note1 row active (a-bank) read (a-bank) burst stop read (a-bank) :don't care high cl=2 cl=3 qaa2 qaa3 qaa4 qab3 qab4 qab5 qaa0 qaa1 qab1 qab0 qab2 qaa2 qaa3 qaa4 qab3 qab4 qab5 1 1 2 2 precharge (a-bank) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 cs ras cas we *note2
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 22/29 write interrupted by precharge command & write burst stop cycle @ burst length =full page *note: 1. burst can?t end in full page mode, so auto precharge can?t issue. 2.data-in at the cycle of interrupted by precharge can not be written into the corresponding memory cell. it is defined by ac parameter of t rdl . dqm at write interrupted by precharge comm and is needed to prevent invalid write. input data after row precharge cycle will be masked internally. 3.burst stop is valid at every burst length. clock cke addr dq dqm a10/ap raa caa cab raa daa0 daa1 dab1 dab0 dab2 row active (a-bank) write (a-bank) burst stop write (a-bank) :don't care high daa2 daa3 daa4 dab3 dab4 dab5 precharge (a-bank) t bdl t rdl *note2 cs ras cas we ba 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 23/29 burst read single bit write cycle @burst length=2 *note:1.brsw modes is enabled by setting a9 ?high? at mrs(mode register set). at the brsw mode, the burst lengt h at write is fixed to ?1? regar dless of programmed burst length. 2.when brsw write command with auto prechar ge is executed, keep it in mind that t ras should not be violated. auto precharge is executed at the next cycle of burst-end, so in the case of brsw write command, the precharge command will be issued after two clock cycles. clock cke addr cl=2 dqm a10/ap ba raa rac raa qab0 row active (a-bank) write (a-bank) :don't care high qab1 precharge (a-bank) caa rbb cab cbc cad rac dbc0 dq daa0 qab0 dbc0 qab1 cl=3 row active (b-bank) row active (a-bank) write with auto precharge (b-bank) read (a-bank) daa0 qad0 qad1 qad0 qad1 *note1 cs ras cas we rbb *note2 read with auto precharge (a-bank)
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 24/29 active/precharge power down mode @cas latency=2, burst length=4 *note : 1.both banks should be in idle state prior to entering precharge power down mode. 2.cke should be set high at least 1clk+tss prior to row active command. 3.can not violate minimum re fresh specification. (32ms) clock cke addr dq dqm a10/ap active power-down exit precharge : don't care *note3 *note2 *note1 t ss ra ra qa0 qa1 qa2 t shz precharge power-down entry precharge power-down exit row active active power-down entry read 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 ca ba ras cas cs we t ss t ss
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 25/29 self refresh entry & exit cycle *note: to enter self refresh mode 1. cs , ras & cas with cke should be low at the same clock cycle. 2. after 1 clock cycle, all the inputs including th e system clock can be don?t care except for cke. 3. the device remains in self refresh mode as long as cke stays ?low?. cf.) once the device enters self refresh mode, minimum t ras is required before exit from self refresh. to exit self refresh mode 4. system clock restart and be stable before returning cke high. 5. cs starts from high. 6. minimum t rc is required after cke going high to complete self refresh exit. 7. 2k cycle of burst auto refresh is requir ed before self refresh entry and after self refresh exit if the system uses burst refresh. clock cke addr dq dqm a10/ap self refresh entry auto refresh : don't care self refresh exit hi-z hi-z we ba cas ras cs *note2 *note1 *note4 t rcmin *note6 *note5 *note7 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 t ss *note3
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 26/29 mode register set cycle auto refresh cycle *both banks precharge should be completed before mo de register set cycle and auto refresh cycle. mode register set cycle *note: 1. cs , ras , cas & we activation at the same clock cycle with address key will set internal mode register. 2.minimum 2 clock cycles should be met before new ras activation. 3.please refer to mode register set table. clock cke addr key :don't care high cs ras cas high *note3 ra *note1 dq hi-z dqm 1 2 3 4 5 6 0 1 2 3 4 5 6 7 8 9 10 hi-z *note2 t rc mrs new command auto refresh new command we 0
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 27/29 package dimensions 50-lead tsop(ii) sdram(400mil) dimension in mm dimension in inch symbol min nom max min nom max a - - 1.20 - - 0.047 a1 0.051 0.127 0.203 0.002 0.005 0.008 a2 0.95 1.00 1. 05 0.037 0.039 0.041 b 0.30 - 0.45 0.012 - 0.018 b1 0.30 0.35 0. 40 0.012 0.014 0.016 c 0.12 - 0.21 0.005 - 0.008 c1 0.10 0.127 0. 16 0.004 0.005 0.006 d 20.82 20.95 21.08 0.820 0.825 0.830 e 11.56 11.76 11 .96 0.455 0.463 0.471 e1 10.03 10.16 10. 29 0.394 0.400 0.405 l 0.40 0.50 0.60 0.016 0.020 0.024 l1 0.80 ref 0.031 ref e 0.80 bsc 0.031 bsc 0 - 8 0 - 8
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 28/29 packing dimensions 60-ball sdram ( 6.4x10.1 mm ) symbol dimension in mm dimension in inch min norm max min norm max a 1.00 0.039 a 1 0.20 0.25 0.30 0.008 0.010 0.012 a 2 0.61 0.66 0.71 0.024 0.026 0.028 b 0.30 0.35 0.40 0.012 0.014 0.016 d 6.30 6.40 6.50 0.248 0.252 0.256 e 10.00 10.10 10.20 0.394 0.398 0.402 d 1 3.90 0.154 e 1 9.10 0.358 e 0.65 0.026 controlling dimension : millimeter.
esmt m52s16161a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.5 29/29 important notice all rights reserved. no part of this document may be rep roduced or duplicated in any form or by any means without the prior permission of esmt. the contents contained in this document are believed to be accurate at the time of publication. esmt assumes no responsibility for any error in this document, and reserves the ri ght to change the product s or specification in this document without notice. the information contained herein is pres ented only as a guide or examples for the application of our products. no responsibility is assumed by esmt for any infringement of patents, copyrights , or other intellectual property rights of third parties which may result from its use. no license, either express , implied or otherwise, is granted un der any patents, copy rights or other intellectual property righ ts of esmt or others. any semiconductor devices may have inher ently a certain rate of failure. to minimize risks associated with cust omer's application, adequate design and operating safeguards against injury, dam age, or loss from such failure, should be provided by the custom er when making application designs. esmt's products are not authorized for use in critical applications such as, but not limited to, life support devices or system, where failure or abnormal operation may directly affe ct human lives or cause physical injury or property damage. if products described here are to be used for such kinds of application, purchaser must do its ow n quality assurance testing appropriate to such applications.


▲Up To Search▲   

 
Price & Availability of M52S16161A-10TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X